Part Number Hot Search : 
L6926Q1 1205D FX365A MPSH17 LTC1060S PE83511 5AT0W 2SK2613
Product Description
Full Text Search
 

To Download CMBT2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SOT-23 Formed SMD Package
CMBT2907 CMBT2907A
SILICON PLANAR EPITAXIAL TRANSISTORS
P-N-P silicon transistors
Marking CMBT2907 = 2B CMBT2907A = 2F
PACKAGE OUTLINE DETAILS ALL DIMENSIONS IN m m
Pin configuration 1 = BASE 2 = EMITTER 3 = COLLECTOR
3
1
2
ABSOLUTE MAXIMUM RATINGS
CMBT2907 CMBT2907A
Collector-base voltage (open emitter) -VCB0 Collector-emitter voltage (open base) -VCE0 Emitter-base voltage (open collector) -VEB0 Collector current (d.c.) -IC Total power dissipation up to Tamb = 25 CPtot Junction temperature Tj D.C. current gain hFE -IC = 500mA; -VCE = 10V Turn-off switching time --ICon = 150 mA; -IBon = IBoff = 15 mA toff Transition frequency at f = 100 MHz fT --IC = 50 mA; -VCE = 20 V
max. 60 max. 40 max. max. max. max. > < > 30
60 60 5,0 600 250 150 50 100 200
V V V mA
mW
C
ns
MHz
Continental Device India Limited
Data Sheet
Page 1 of 4
CMBT2907 CMBT2907A
RATINGS (at TA = 25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) -VCB0 Collector-emitter voltage (open base) -VCE0 Emitter-base voltage (open collector) -VEB0 Collector current (d.c.) -IC Ptot Power dissipation up to Tamb = 25 C Storage temperature range Tstg Junction temperature Tj THERMAL RESISTANCE From junction to ambient in free air CHARACTERISTICS Tj = 25 C unless otherwise specified Collector cut-off current IE = 0; -VCB = 50V IE = 0; -VCB = 50V; Tj = 125 C -VEB = 0,5 V; -VCE = 30 V Base current with reverse biased emitter junction -VEB = 3V; -VCE = 30V Saturation voltages -IC = 150 mA; -lB = 15 mA -IC = 500 mA; -lB = 50 mA Collector-base breakdown voltage Open emitter; -IC = 10 A; IE = 0 Collector-emitter breakdown voltage Open base; -IC = 10 mA; lB: 0 Emitter-base breakdown voltage Open collector; -IE = 10 A; IC = 0
CMBT2907
CMBT2907A
max. 60 max. 40 max. max. max. -55 max.
60 60 5,0 600 250 to +150 150
V V V mA
mW
C C
Rth j-a
=
500
K/W
CMBT2907
CMBT2907A
-I CB0 -I CB0 -I CEX
< < <
20 20 50
10 10
nA A nA
-IBEX -VCEsat -VBEsat -VCEsat -VBEsat
< < < <
<
50 0,4 1,3 1,6 2,6 60 40 5,0 60
nA V V V V V V V
-V(BR)CBO > -V(BR)CEO > -V(BR)EBO >
CMBT2907
CMBT2907A
D.C. current gain -IC = 0,1 mA; -VCE = 10 V -IC = 1 mA; -VCE = 10 V -IC = 10 mA; -VCE = 10 V -IC = 150mA; --VCE = 10V -IC = 500mA; -VCE = 10V
hFE hFE hFE hFE hFE
> > > >
35 50 75 100 to 300 30
75 100 100 50
Continental Device India Limited
Data Sheet
Page 2 of 4
CMBT2907 CMBT2907A
Transition frequency at f = 100 MHz -IC = 50 mA; - VCE = 20 V; Tamb = 25 C Output capacitance at f = 1 MHz IE = Ie = 0; -VCB = 10V Input capacitance at f = 1 MHz IC = Ic = 0; -VEB = 2 V
fT Co Ci
> < <
200 8,0 30
MHz
pF pF
Switching times (between 10% and 90% levels) Turn-on time when switched to -lC = 150mA; -lB = 15 mA; VCC = 30V delay time td rise time tr ton turn on time (td + tr) Turn-off time when switched from -IC = 150 mA; -lB = 15 mA; VCC = 6 V to cut-off with + IBM = 15 mA storage time ts fall time tf toff turn-off time (ts + tf)
< < <
10 40 45
ns ns ns
< < <
80 30 100
ns ns ns
Continental Device India Limited
Data Sheet
Page 3 of 4
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CMBT2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X